PART |
Description |
Maker |
CRL1206-FU-R0107ELF CRL1206-FU-R0127ELF CRL1206-FU |
RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0107 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0127 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0147 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0178 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0187 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0107 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0127 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0137 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0147 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0174 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0187 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0107 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0127 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0137 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0147 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0174 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0178 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0187 ohm, SURFACE MOUNT, 2512 CHIP SMD Chip Resistors 0.13ohm 1% RESISTOR, 0.25 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 1 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR - Low Value RESISTOR, 0.125 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 6.2ohm 5% RESISTOR, 1 W, 5 %, 200 ppm, 6.2 ohm, SURFACE MOUNT, 2512 SMD Chip Resistors 0.13ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.5 W, 5 %, 200 ppm, 6.2 ohm, SURFACE MOUNT, 2010 SMD Chip Resistors 0.62ohm 1% 1/10watt RESISTOR, 0.1 W, 1 %, 200 ppm, 0.62 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 0.056 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 9.1 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.5 W, 1 %, 200 ppm, 0.62 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 5 %, 200 ppm, 8.2 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 5 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 1 %, 200 ppm, 2.21 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 0.36 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 1 W, 5 %, 200 ppm, 0.36 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 5 %, 200 ppm, 4.3 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 0.082ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 0.082 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 1 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 0.11ohm 5% RESISTOR, 1 W, 5 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 2512
|
Bourns, Inc.
|
P6SMBJ13 P6SMBJ36 P6SMBJ90CA P6SMBJ P6SMBJ10 P6SMB |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 220 VOLTS 600 WATT PEAK POWER PULSE)
|
PANJIT[Pan Jit International Inc.]
|
SMCG43A SMCJ75 SMCJ58A |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
|
MICROSEMI[Microsemi Corporation]
|
JANTX1N4102UR JANTX1N4102UR-1 JANTX1N4102URTR-1 JA |
Zener Voltage Regulator Diode Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SOIC -40 to 85 MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time:20ns; Load Capacitance:1000pF; Package/Case:8-SOIC; Number of Drivers:2; Supply Voltage Max:16.5V 500V N-Channel C-FET (FRFET) MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time, tf:20ns; Load Capacitance:1000pF; Package/Case:8-MSOP; No. of Drivers:2; Supply Voltage Max:16.5V RoHS Compliant: Yes CAP 1500PF 50V 10% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR 4-Channel I2C And SMBus Multiplexer With Interrupt Logic And Reset Functions 20-TVSOP -40 to 85 Low-power dual supply translating transeiver; 3-state CAP 22PF 25V 20% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 22PF 25V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 1200PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 22PF 10V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 0.22UF 16V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR THYRISTOR MODULE, 18A 800VTHYRISTOR MODULE, 18A 800V; Voltage, Vrrm:800V; Current, It av:18A; Case style:SEMIPACK 1; Current, It rms:42A; Current, Itsm:320A; Voltage, Vgt:3.0V; Current, Igt:150mA; Centres, fixing:80mm; Depth, Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-TVSOP -40 to 85 4-Channel I2C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP/QSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP 33PF 25V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 CAP 27PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 RES .22 OHM 1/8W 1% 0805 SMD 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 30 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA 4-Channel I<sup>2</sup>C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 68 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP 3.0PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 60 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 19 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 17 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low-power dual 2-input NAND Schmitt trigger 低功耗双2输入与非门施密特触发 GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP,CHIP,270PF,1%,50V,COG,0603,SMD 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. Bel Fuse, Inc. MICROSEMI CORP-SCOTTSDALE
|
1SMC8.0AT3 1SMC6.5AT3 1SMC26AT3 1SMC7.0AT3 |
1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电7.0V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.0V,齐纳瞬变电压抑制器) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
WSH2818RFEA WSH2818RFEK WSH2818LFEA WSH2818LFEK WS |
Power Metal Strip? Resistors, High Power (5 watt) Low Value (down to 0.001 Ω), Surface Mount Power Metal Strip庐 Resistors, High Power (5 watt) Low Value (down to 0.001 惟), Surface Mount Power Metal Strip㈢ Resistors, High Power (5 watt) Low Value (down to 0.001 ヘ), Surface Mount
|
Vishay Siliconix
|
FT0407DD FT0407MD FT0408BD FT0408DD FT0408MD FT041 |
400 V, surface mount TRIAC 600 V, surface mount TRIAC 200 V, surface mount TRIAC
|
Fagor
|
FS0808BD FS0808DD FS0809MD |
200 V, surface mount SCR 400 V, surface mount SCR 600 V, surface mount SCR
|
Fagor
|
SMBJ48A-13-F SMBJ28A-13-F SMBJ90CA-13-F SMBJ110A-1 |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc. Diodes Incorporated
|
ES1A ES1J ES1B ES1D ES1G ES1C ES1E |
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes 表面贴装超快整流电压- 50 - 600伏特,电一点?安
|
http:// SURGE[Surge Components] Surge Components, Inc.
|
SMA5C20 SMA5C22 SMA5C24 SMA5C27 |
3.0 Watt Surface Mount Silicon Zener Diodes
|
Micro Commercial Compon...
|
|